Part Number Hot Search : 
TPM401 A01BBCD2 0509S RM702730 25N03 LLA315 PE4642 SV325F
Product Description
Full Text Search
 

To Download FBR12ND05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (a) series name fbr12 : fbr12 series (b) enclosure & coil power n : standard (plastic sealed type) w : high dielectric strength type (plastic sealed type) h : high sensitivity type (c) coil type d : dc coil (d) nominal voltage refer to the coil data chart (e) contact material nil : gold-overlay silver-nickel Cp : gold-overlay silver-palladium (f) custom designation to be assigned custom specification (g) csa standard Ccsa : ul114 + csa recognized Ccsa : ul1950 + csa (under application) note: the designation name is stamped on the top of the relay case as follows: (example) designation ordered: FBR12ND05 stamp: 12nd05 n features l super miniature size: 0.2 inch 0.1 inch grid, 12 pin dip up to 50% less volume and board area than previous generation telecom relay. l slim type for high density mounting l conforms to bellcore tr-nwt-001089 and fcc part 68 requirements l ul recognized and csa certified l low power consumption l conforms to iec 950 (w type only) C 2.5 mm clearance and creepage between coil and contacts C5000 v surge strength between coil and contacts (2x10 m s surge wave) C2000 vrms dielectric strength between coil and contacts Cul 1950 and iec950 (approval in process) fbr12 n d 12 Cp C** (Ccsa) [example] (a) (b) (c) (d) (e) (f ) (g) fbr12 series miniature relay 2 poles1 to 2 a (for signal switching) n ordering information 1 n safety standard and file numbers nominal coil voltage contact rating 0.5 a 125 vdc resistive 3 to 24 vdc 2 a 30 vdc resistive 0.3 a 110 vac resistive ul508, 1950, 114 (file no. e63615) c22.2 no. 0, no. 14 (file no. lr40304 or lr64026) not for new design fbr12 series to be discontinied
2 fbr12 series not for new design fbr12 series to be discontinied life mechanical 1 10 8 operations minimum electrical dc 2 10 5 operations minimum 5 10 5 operations minimum (at contact rating) ac 1 10 5 operations minimum 200 10 3 operations minimum other vibration misoperation 10 to 55 hz (double amplitude of 3.3 mm) resistance endurance 10 to 55 hz (double amplitude of 5.0 mm) shock misoperation 500 m/s 2 (11 1 ms) resistance endurance 1,000 m/s 2 ( 6 1 ms) weight approx. 1.5 g approx. 1.9 g approx. 1.5 g approx. 1.9 g n specifications item standard (gold-overlay silver-nickel) -p type (gold-overlay silver-palladium) standard high dielectric standard high dielectric strength type strength type contact arrangement 2 form c (dpdt) material gold-overlay silver-nickel gold-overlay silver-palladium style bifurcated resistance (initial) maximum 100 m w (at 0.1 a 6 vdc) rating (resistive) 0.5 a 125 vac or 1 a 30 vdc maximum carrying current 2 a (at 20 c) maximum switching power 62.5 va or 60 w max. switching voltage* 1 250 vac or 220 vdc maximum switching current 2 a minimum switching load* 2 10 m a 10 vdc (reference) capacitance approximately 1.0 pf (between open contacts, adjacent contacts ) (at 10 khz) approximately1.0 pf (between coil and contacts) coil nominal power (at 20 c) approximately approximately approximately approximately 0.14 to 0.2 w 0.23 to 0.25 w 0.14 to 0.2 w 0.23 to 0.25 w operate power (at 20 c) approximately approximately approximately approximately 0.08 to 0.112 w 0.13 to 0.14 w 0.08 to 0.112 w 0.13 to 0.14 w thermal resistance at approximately 115 c/w continuous thermal load operating temperature C40 c to +85 c (no frost) (refer to the characteristic data) operating humidity 45 to 85%rh time value operate (at nominal voltage) maximum 4 msec. release (at nominal voltage) maximum 4 msec. max. switching frequency mechanical 3 hz or electrical 0.5 hz (at contact rating) insulation resistance (initial) minimum 1000 m w (at 500 vdc) dielectric between open contacts 1,000 vac strength adjacent contacts 1 minimum between coil and contacts 1,500 vac 1 min. 2,000 vac 1 min. 1,500 vac 1 min. 2,000 vac 1 min. surge between open 1,500 v strength contacts, 10 700 m s adjacent contacts between coil and contacts 2,500 v 5,000 v 2,500 v 5,000 v 2 10 m s 2 10 m s 2 10 m s 2 10 m s 1,500 750 10 700 2,500 1,250 210 * 1 if the switching voltage exceeds the rated contact voltage, reduce the current. the current values vary according to the type of load. * 2 values when switching a resistive load at normal room temperature and humidity and in a clean environment. the minimum switching load varies with the switching frequency and operation environment.
3 fbr12 series not for new design fbr12 series to be discontinied item high sensitive type standard (gold-overlay silver-nickel) -p type (gold-overlay silver-palladium) contact arrangement 2 form c (dpdt) material gold-overlay silver-nickel gold-overlay silver-palladium style bifurcated resistance (initial) maximum 100 m w (at 0.1 a 6 vdc) rating (resistive) 0.3 a 125 vac or 1 a 30 vdc maximum carrying current 2 a (at 20 c) maximum switching power 62.5 va or 30 w max. switching voltage* 1 250 vac or 220 vdc maximum switching current 2 a minimum switching load* 2 10m vdc - 10 m a capacitance approximately 1.0 pf (between open contacts, adjacent contacts ) (at 10 khz) approximately1.0 pf (between coil and contacts) coil nominal power (at 20 c) approximately 50mw operate power (at 20 c) approximately 40m w operating temperature C40 c to +70 c (no frost) (refer to the characteristic data) operating humidity 45 to 85%rh time value operate (at nominal voltage) maximum 5 msec. release (at nominal voltage) maximum 5 msec. insulation resistance (initial) minimum 1000 m w (at 500 vdc) dielectric between open contacts 750 vac strength adjacent contacts 1 minute between coil and contacts 1,500 vac 1 minutes surge between open 1,500 v strength contacts, 10 700 m s adjacent contacts between coil and contacts 2,500 v 2 10 m s life mechanical 1 x 10 8 operations minimum electrical dc 2 10 5 operations minimum 5 10 5 operations minimum (at contact rating) ac 1 10 5 operations minimum 200 10 3 operations minimum other vibration misoperation 10 to 55 hz (double amplitude of 3.3` mm) resistance endurance 10 to 55 hz (double amplitude of 5.0 mm) shock misoperation 500 m/s 2 (11 1 ms) resistance endurance 1,000 m/s 2 ( 6 1 ms) weight approx. 1.9 g n specifications * 1 if the switching voltage exceeds the rated contact voltage, reduce the current. the current values vary according to the type of load. * 2 values when switching a resistive load at normal room temperature and humidity and in a clean environment. the minimum switching load varies with the switching frequency and operation environment.
4 fbr12 series not for new design fbr12 series to be discontinied model nominal nominal coil current must must nominal operate coil resistance (at nominal operate operate temperature voltage ( 10%) voltage) voltage* 1 voltage* 1 power power rise standard -p type approx. fbr12nd03 fbr12nd03-p 3 vdc 64.3 w 46 ma fbr12nd04 fbr12nd04-p 4.5 vdc 145 w 31 ma FBR12ND05 FBR12ND05-p 5 vdc 178 w 28 ma 75% max. 10% min. approx. approx. approx. of nominal of nominal 0.14 w 0.08 w 20 deg fbr12nd06 fbr12nd06-p 6 vdc 257 w 23 ma (at nominal max. voltage voltage voltage) max. (at nominal fbr12nd09 fbr12nd09-p 9 vdc 579 w 15 ma voltage) fbr12nd12 fbr12nd12-p 12 vdc 1,028 w 11 ma fbr12nd24 fbr12nd24-p 24 vdc 2,880 w 8 ma 0.2 w 0.112 w 30 deg n coil data chart *1: specified values are subject to pulse wave voltage. note: all values in the table are measured at 20 c. model nominal nominal coil current must must nominal operate coil resistance (at nominal operate release temperature voltage ( 10%) voltage) voltage* 1 voltage* 1 power power rise standard -p type approx. fbr12wd03 fbr12wd03-p 3 vdc 39 w 77 ma fbr12wd04 fbr12wd04-p 4.5 vdc 88 w 51 ma fbr12wd05 fbr12wd05-p 5 vdc 108 w 46 ma 75% max. 10% min. approx. approx. approx. of nominal of nominal 0.23 w 0.13 w 30 deg fbr12wd06 fbr12wd06-p 6 vdc 156 w 38 ma (at nominal (at nominal voltage voltage voltage) max. voltage) fbr12wd09 fbr12wd09-p 9 vdc 352 w 25 ma fbr12wd12 fbr12wd12-p 12 vdc 626 w 19 ma fbr12wd24 fbr12wd24-p 24 vdc 2,304 w 10 ma 0.25 w 0.14 w 33 deg *1: specified values are subject to pulse wave voltage. note: all values in the table are measured at 20 c. 1.standard 2.high dielectric strength model nominal coil must must nominal operate coil resistance operate release temperature voltage ( 10%) voltage* 1 voltage* 1 power power rise standard -p type fbr12hd03 fbr12hd03-p 3 vdc 180 w fbr12hd04 fbr12hd04-p 4.5 vdc 405 w fbr12hd05 fbr12hd05-p 5 vdc 500 w 80% max. 10% min. approx. approx. approx. of nominal of nominal 0.05 w 0.04 w 4 deg fbr12hd06 fbr12hd06-p 6 vdc 720 w (at nominal (at nominal voltage voltage voltage) max. voltage) fbr12hd09 fbr12hd09-p 9 vdc 1,620 w fbr12hd12 fbr12hd12-p 12 vdc 2,880 w *1: specified values are subject to pulse wave voltage. note: all values in the table are measured at 20 c. 3. high sensitivity type
5 fbr12 series not for new design fbr12 series to be discontinied n dimensions unit: mm n reference data n characteristic data life curve 500 contact load current (a) 50 5 10 1 100 ( 10 4 ) service life (operations) 0.5 1.0 1.5 2.0 maximum switching capacity contact load voltage (v) 0.1 10 20 125 200 30 50 0.2 0.3 0.5 1.0 2.0 range of operation temperature and voltage operating temperature (?c) 100 1020304050607080 70 80 90 100 110 120 130 140 150 160 ac resistive load ( ac contact rating) dc resistive load ( dc contact rating) operating voltage range must operate voltage maximum allowable coil voltage (data) assumes that the maximum allow- able temperature of e type insulation coil is 115?c contact load current (a) nominal voltage multiplying factor (%) 125 v ac resistive load 30 v dc resistive load (?)type (?)type l dimensions l schematics (bottom view) l pc board mounting hole layout (bottom view) l tube carrier 14.6 +0.4 0.50 (0.95) 9.7 +0.3 3.2 7.2 +0.3 0.25 (1.06) 5.08 1 12 3 10 4 9 5 8 5.08 2.54 5.08 2.54 81.00 10.6 max. 30 pcs/tube 15.6 max. 500 2 ] show one out of thbsb 3 dimensions (see na) operate release distribution of operate and release voltage rated coil voltage multiplying factor (%) 60 50 40 20 30 10 01020 304050 607080 0 distribution (%) operate release distribution of operate and release time time (ms) 100 80 60 20 40 012 345 678 0 contact resistance (m w ) distribution of contact resistance 80 60 40 20 01020 304050 607080 0 distribution (%) distribution (%)
6 fbr12 series not for new design fbr12 series to be discontinied ? 2004 fujitsu components america, inc. all company and product names are trademarks or registered trademarks of their respective owners. rev. 07/26/2004. japan fujitsu component limited gotanda-chuo building 3-5, higashigotanda 2-chome, shinagawa-ku tokyo 141, japan tel: (81-3) 5449-7010 fax: (81-3) 5449-2626 email: promothq@ft.ed.fujitsu.com web: www.fcl.fujitsu.com north and south america fujitsu components america, inc. 250 e. caribbean drive sunnyvale, ca 94089 u.s.a. tel: (1-408) 745-4900 fax: (1-408) 745-4970 email: marcom@fcai.fujitsu.com web: www.fcai.fujitsu.com europe fujitsu components europe b.v. diamantlaan 25 2132 wv hoofddorp netherlands tel: (31-23) 5560910 fax: (31-23) 5560950 email: info.marketing@fceu.fujitsu.com web: www.fceu.fujitsu.com asia pacific fujitsu components asia ltd. 102e pasir panjang road #04-01 citilink warehouse complex singapore 118529 tel: (65) 375-8560 fax: (65) 273-3021 email: fcal@fcal.fujitsu.com www.fcal.fujitsu.com fujitsu components international headquarter offices


▲Up To Search▲   

 
Price & Availability of FBR12ND05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X